Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19116 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 25Page - Microchip Technology MCP19116 Datasheet HTML 26Page - Microchip Technology MCP19116 Datasheet HTML 27Page - Microchip Technology MCP19116 Datasheet HTML 28Page - Microchip Technology MCP19116 Datasheet HTML 29Page - Microchip Technology MCP19116 Datasheet HTML 30Page - Microchip Technology MCP19116 Datasheet HTML 31Page - Microchip Technology MCP19116 Datasheet HTML 32Page - Microchip Technology MCP19116 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 246 page
background image
 2015-2020 Microchip Technology Inc.
DS20005479D-page 29
MCP19116/7
GPIO Pins
Maximum GPIO Sink
Current
ISINK_GPIO
——
90
mA
Note 6
Maximum GPIO
Source Current
ISOURCE_GPIO
——
35
mA
Note 6
GPIO Weak Pull-Up
Current
IPULL-UP_GPIO
50
250
400
µA
GPIO Input
Low Voltage
VGPIO_IL
GND
—
0.8
V
I/O Port with TTL buffer
VDD =5V
GND
—
0.2 VDD
V
I/O Port with Schmitt Trig-
ger buffer, VDD =5V
GND
—
0.2 VDD
VMCLR
GPIO Input
High Voltage
VGPIO_IH
2.0
—
VDD
V
I/O Port with TTL buffer,
VDD = 5V
0.8VDD
—
VDD
V
I/O Port with Schmitt
Trigger buffer, VDD =5V
0.8VDD
—
VDD
VMCLR
GPIO Output Low
Voltage
VGPIO_OL
——
0.12 VDD
VIOL =7 mA, VDD =5V
GPIO Output High
Voltage
VGPIO_OH
VDD – 0.7
—
—
V
IOH =2.5 mA
VDD =5V
GPIO Input Leakage
Current
GPIO_IIL
—±0.1
±1
µA
Negative current is defined
as current sourced by the
pin.
POR
Power-on Reset
Voltage
VPOR
—2.13
—
V
VDD Rising
Power-on Reset
Voltage Hysteresis
VPOR_HYS
—
100
—
mV
Thermal Shutdown
Thermal Shutdown
TSHD
—
150
—
°C
Thermal Shutdown
Hysteresis
TSHD_HYS
—20
—
°C
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW =150 kHz, TA = +25°C. Boldface specifications
apply over the TA range of –40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Refer to Section 16.0, Power-Down Mode (Sleep).
2:
VDD is the voltage present at the VDD pin.
3:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4:
Ensured by design, not production tested.
5:
These parameters are characterized, but not production tested.
6:
The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com