Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19116 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 55Page - Microchip Technology MCP19116 Datasheet HTML 56Page - Microchip Technology MCP19116 Datasheet HTML 57Page - Microchip Technology MCP19116 Datasheet HTML 58Page - Microchip Technology MCP19116 Datasheet HTML 59Page - Microchip Technology MCP19116 Datasheet HTML 60Page - Microchip Technology MCP19116 Datasheet HTML 61Page - Microchip Technology MCP19116 Datasheet HTML 62Page - Microchip Technology MCP19116 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 246 page
background image
 2015-2020 Microchip Technology Inc.
DS20005479D-page 59
MCP19116/7
9.0
DEVICE CALIBRATION
Read-only memory locations 2080h through 208Fh
contain factory calibration data. Refer to Section 18.0
“Flash Program Memory Control” for information on
how to read from these memory locations.
9.1
Calibration Word 1
Calibration Word 1 is at memory location 2080h. The
DCSRFB<6:0> bits set the offset calibration for the
current
sense
differential
amplifier
(A2)
when
configured using the internal feedback resistor. A
calibration range of ±30 mV is provided with 20h and
00h being midscale (no offset). The MSB is polarity only.
Firmware must read these values and copy them into
the DCSCAL Special Function Register located in Bank
3 at 199h.
REGISTER 9-1:
CALWD1: CALIBRATION WORD 1 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
DCSRFB6
DCSRFB5
DCSRFB4
DCSRFB3
DCSRFB2
DCSRFB1
DCSRFB0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unused bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-7
Unimplemented: Read as ‘0’
bit 6-0
DCSRFB<6:0>: Input Differential Current Sense Calibration bits when configured using internal
feedback resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com