Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F1613
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F1613 Datasheet HTML 1Page - Microchip Technology PIC16F1613 Datasheet HTML 2Page - Microchip Technology PIC16F1613 Datasheet HTML 3Page - Microchip Technology PIC16F1613 Datasheet HTML 4Page - Microchip Technology PIC16F1613 Datasheet HTML 5Page - Microchip Technology PIC16F1613 Datasheet HTML 6Page - Microchip Technology PIC16F1613 Datasheet HTML 7Page - Microchip Technology PIC16F1613 Datasheet HTML 8Page - Microchip Technology PIC16F1613 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 2
PIC16F1614/8
Intelligent Analog Peripherals
• 10-Bit Analog-to-Digital Converter (ADC):
- Up to 12 external channels
- Conversion available during Sleep
• Two Comparators (COMP):
- Low-Power/High-Speed mode
- Up to three external inverting inputs
- Fixed Voltage Reference at non-inverting
input(s)
- Comparator outputs externally accessible
• 8-Bit Digital-to-Analog Converter (DAC):
- 8-bit resolution, rail-to-rail
- Positive Reference Selection
• Voltage Reference:
- Fixed Voltage Reference (FVR): 1.024V,
2.048V and 4.096V output levels
• Zero-Cross Detect (ZCD):
- Detect when AC signal on pin crosses
ground
• Two High-Current Drive Pins:
- 100mA @ 5V
Clocking Structure
• 16 MHz Internal Oscillator:
- Selectable frequency range from 32 MHz to
31 kHz
• 31 kHz Low-Power Internal Oscillator
• 4x Phase-Locked Loop (PLL):
- For up to 32 MHz internal operation
• External Oscillator Block with:
- Three external clock modes up to 32 MHz
Note:
This document is supplemented by the
“PIC16(L)F1614/8 14/20-Pin, 8-Bit Flash
Microcontroller"
Data
Sheet
(DS40001769). See Section 1.0 “Device
Overview”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com