Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16F1613
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 2Page - Microchip Technology PIC16F1613 Datasheet HTML 3Page - Microchip Technology PIC16F1613 Datasheet HTML 4Page - Microchip Technology PIC16F1613 Datasheet HTML 5Page - Microchip Technology PIC16F1613 Datasheet HTML 6Page - Microchip Technology PIC16F1613 Datasheet HTML 7Page - Microchip Technology PIC16F1613 Datasheet HTML 8Page - Microchip Technology PIC16F1613 Datasheet HTML 9Page - Microchip Technology PIC16F1613 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 6
PIC16F1614/8
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices, operating in an ambient
temperature range between -40°C and 150°C:
The PIC16F1614/8 devices offer Core Independent
Peripherals (CIPs), Intelligent Analog modules, and
several
other
features
that
allow
for
high-
performance, low-cost, and low-power applications.
The primary differentiating features and specifications
of the high-temperature PIC16F1614/8 devices are:
• All AC timing specifications are increased by 30%
This derating factor includes parameters, such as
TPWRT
• Maximum HS frequency of operation is 20 MHz
• Oscillator tolerances and VDD operation range are
revised
• PIC16F1614
• PIC16F1618
Note:
This data sheet documents only the devices’
features and specifications that are in addi-
tion to the features and specifications of
the non-specialty PIC16F1614/8 devices.
For information on the features and
specifications shared by this document’s
high-temperature devices and the non-spe-
cialty devices, see the “PIC16(L)F1614/8
14/20-Pin, 8-Bit Flash Microcontroller" data
sheet (DS40001769).
Note 1: The test duration for AEC-Q100 reliability
testing for devices operating at 150°C is
1,000 hours. Any design operating at
125°C to 150°C for longer than that
period is not warranted without prior writ-
ten approval from Microchip Technology
Inc.
2: Writes are not allowed for Flash program
memory above 125°C
3: The temperature range indicator in the
catalog part number and device marking
is “H” for -40°C and 150°C
Example: PIC16F1618T-H/SL indicates
the device is shipped in tape and reel
configuration in the SOIC package and is
rated for operation from -40°C and 150°C
4: The low voltage versions of these
devices PIC16LF1614 and PIC16LF1618
are not released for operation above
125°C
5: Only SOIC (SL), TSSOP (ST), SSOP
(SS) and QFN (ML) packages will be
offered, not PDIP or UQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com