Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1613 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F1613
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F1613 Datasheet HTML 1Page - Microchip Technology PIC16F1613 Datasheet HTML 2Page - Microchip Technology PIC16F1613 Datasheet HTML 3Page - Microchip Technology PIC16F1613 Datasheet HTML 4Page - Microchip Technology PIC16F1613 Datasheet HTML 5Page - Microchip Technology PIC16F1613 Datasheet HTML 6Page - Microchip Technology PIC16F1613 Datasheet HTML 7Page - Microchip Technology PIC16F1613 Datasheet HTML 8Page - Microchip Technology PIC16F1613 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TABLE 1:
PIC12/16F161X FAMILY TYPES
Device
PIC12F1612
(A)
2048
3.5
256
256
6
4
1
0
Y
1
1
4
1
2/0
1
0
Y
0
0
N
0
0
PIC16F1613
(A)
2048
3.5
256
256
12
4
1
0
Y
2
2
8
1
2/0
1
0
Y
0
0
N
0
0
PIC16F1614
(B)
4096
7
512
512
12
4
3
1
Y
2
2
8
1
2/2
1
2
Y
1
2
Y
1
1
PIC16F1615
(C)
8192
14
1024
128
12
4
3
1
Y
2
2
8
1
2/2
1
4
Y
1
2
Y
1
1
PIC16F1618
(B)
4096
7
512
512
18
4
3
1
Y
2
2
12
1
2/2
1
2
Y
1
2
Y
1
1
PIC16F1619
(C)
8192
14
1024
128
18
4
3
1
Y
2
2
12
1
2/2
1
4
Y
1
2
Y
1
1
Note 1:
Debugging Methods: (I) – Integrated on Chip; E – using Emulation Product
Data Sheet Index:
A.
DS40001737
PIC12(L)F1612/16F1613 Data Sheet, 8/14-Pin, 8-bit Flash Microcontrollers
B.
DS40001769
PIC16(L)F1614/8 Data Sheet, 14/20-Pin, 8-bit Flash Microcontrollers
C.
DS40001770
PIC16(L)F1615/9 Data Sheet, 14/20-Pin, 8-bit Flash Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com