Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34653 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34653 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Document Number: MC34653
Rev. 8.0, 2/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
1.0 A Negative Voltage Hot
Swap Controller
The 34653 is a highly integrated -48 V hot swap controller with an
internal Power MOSFET. It provides the means to safely install and
remove boards from live -48 V backplanes without having to power
down the entire system. It regulates the inrush current, from the
supply to the load’s filter capacitor, to a user-programmable limit,
allowing the system to safely stabilize. A disable function allows the
user to disable the 34653 manually or through a microprocessor and
safely disconnect the load from the main power line.
The 34653 has active high and active low power good output
signals that can be used to directly enable a power module load.
Undervoltage and overvoltage detection circuitry monitors the input
voltage to check that it is within its operating range. A start-up delay
timer ensures that it is safe to turn on the Power MOSFET and charge
the load capacitor.
A two-level current limit approach to controlling the inrush current
and switching on the load limits the peak power dissipation in the
Power MOSFET. Both current limits are user programmable.
Features
• Integrated Power MOSFET and Control IC in a Small Outline
Package
• Input Voltage Operation Range from -39 V to -74 V
• Programmable Overcurrent Limit with Auto Retry
• Programmable Charging Current Limit Independent of Load
Capacitor
• Start-Up and Retry Delay Timer
• Overvoltage and Undervoltage Detection
• Active High and Low Power Good Output Signals
• Thermal Shutdown
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. 34653 Simplified Application Diagram
HOT SWAP
34653
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ34653EF/R2
-40°C to 85°C
8 SOICN
MC34653EF/R2
EF SUFFIX (Pb-Free)
98ASB42564B
8-PIN SOICN
34653
DISABLE
VPWR
ILIM
VIN
VOUT
PG
PG
ICHG
GND
-48 V
System
Power
Supply
(Backplane)
Optional
External
Components
Optional
External
Components
Load
Application
Dependent


Similar Part No. - 34653

ManufacturerPart #DatasheetDescription
logo
Heyco.
3465 HEYCO-3465 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Keystone Electronics Co...
3465 KEYSTONE-3465 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Freescale Semiconductor...
34652 FREESCALE-34652 Datasheet
1Mb / 26P
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
34652 FREESCALE-34652_07 Datasheet
1Mb / 26P
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
More results

Similar Description - 34653

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com