Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34653 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34653 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34653
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34653 Simplified Internal Block Diagram
PG
DISABLE
VPWR
UVLO
1.3 V
1.3 V
1.3 V
3.1 V
8.0 µA
ILIM
ICHG
Thermal
Shutdown
Sensor MOSFET
Power MOSFET
VOUT
VIN
+
-
External
Resistors
Detection
Programmable
Current Limit
Gate Control
Driver
Logic
Referenced VPWR
Logic
Fixed
Oscillator
PG
VIN
+
-
+
-
UV
OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com