Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34653 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34653
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34653 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34653 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34653 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34653
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
STATE MACHINE
Figure 13 is a representation of the 34653 behavior in
different modes of operation.
Figure 13. State Diagram
MOSFET
→ OFF
PG = 0
Undervoltage
MOSFET
→ OFF
PG = 0
Power Off
Temp < 135°C
Filter = 12
µs
VPWR < VUVLOF
Filter = 1.0 ms
A signal “set” is generated to check
resistors on UV, ILIM, ICHG, and
TIMER pins and 128
µs later
the OV pin
Retry Fault
STOP
Toggle DISABLE
or cycle Power Off
then On to clear fault
Power
Good Check
and VDS < 500 mV
for 20 ms
Charging Mode
N
≤ 10
Turn Off
MOSFET
→ OFF
PG = 0
PG = 1
N = 0
VPWR > VUVLOR
Filter = 1.0 ms
Filter = 3.0 ms
ILOAD > ILIM
ILOAD < ILIM - ILIMHY
Short Circuit
Detection
Fast Gate Discharge
< 10
µs
ILOAD > ISHORT
Overcurrent
for > 3.0 ms
Pass PG
Check
Fail PG
Check
N
> 10
for 100
µs
VPWR < VUV(OFF)
Filter = 1.0 ms
MOSFET
→ OFF
PG = 0
Overvoltage
VPWR < VOV(ON)
VPWR > VOV(OFF)
Filter = 1.0 ms
Filter = 1.0 ms
PG = 0
MOSFET
→ OFF
Temp > 160°C
Filter = 12
µs
Thermal
Shutdown
Ext. Resistor Check
POR is generated
N = 0
MOSFET
→ OFF
PG = 0
DISABLE
POR is generated
N = 0
DISABLE = 1
Filter = 1.0 ms
DISABLE = 0
Filter = 1.0 ms
VPWR > VUV(ON)
Filter = 1.0 ms
If ILOAD < ILIM
Overcurrent Mode
Normal Operation
VDS < 500 mV
Start-Up Conditions
• Thermal Shutdown < 160°C
Filter = tTIMER
• VPWR > VUV(OFF)
• VPWR < VOV(OFF)
N = N + 1
• DISABLE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com