Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSRRGBBC9 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVSRRGBBC9
Description  Full-Color Right-Angle SMD (120째 Viewing Angle)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSRRGBBC9 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVSRRGBBC9 Datasheet HTML 1Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 2Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 3Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 4Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 5Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 6Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 1 of 7
Full-Color Right-Angle SMD
(120°Viewing Angle)
OVSRRGBBC9
x
Full-color type
x
Compatible with automatic placement equipment
x
Compatible with infrared and vapor phase reflow solder
process
The OVSRRGBBC9 is a compact full-color (RGB) right-angle surface mount LED with a 120°viewing angle. The
device can be used in smaller boards with a higher packing density, which reduces storage space and makes it
practical for use in miniature and portable applications.
Applications
x
Automotive backlighting for dashboard and switches
x
Telecommunications (backlighting for telephones and faxes)
x
Flat backlight for LCD, switch and symbol
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ.
mcd
Lens Color
OVSRRGBBC9
AlInGaN
Red
72 mcd
Water Clear
InGaN
Green
180 mcd
InGaN
Blue
45 mcd
RoHS
Moisture
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
POLARITY
UNLESS OTHERWISE MENTIONED:
TOLERANCE = ± .1 MM
UNIT = mm
Blue
Green
Red
Green Mask
FOR REFLOW SOLDERING


Similar Part No. - OVSRRGBBC9

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
More results

Similar Description - OVSRRGBBC9

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPRGBCR4 OPTEK-OVSPRGBCR4 Datasheet
820Kb / 6P
Full-color Power SMD 6mm (130째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
White Side-Emitting SMD LED (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
A-BRIGHT Inc
AL-HB5G6JF34T A-BRIGHT-AL-HB5G6JF34T Datasheet
344Kb / 5P
Right Angle Lens With Full Color SMD
2006/10/12
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
10-Watt Lednium SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com