Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSRRGBBC9 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVSRRGBBC9
Description  Full-Color Right-Angle SMD (120째 Viewing Angle)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSRRGBBC9 Datasheet(HTML) 5 Page - OPTEK Technologies

  OVSRRGBBC9 Datasheet HTML 1Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 2Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 3Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 4Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 5Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 6Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 5 of 7
Forward Current vs Forward Voltage
V
mA
50
40
30
20
10
0
2.8
3.0
3.4
3.8
4.2
4.6
TA = 25°
Full-Color Right-Angle SMD
OVSRRGBBC9
Typical Electro-Optical Characteristics Curves – Green
Half Power WL = 150 nm
Relative Luminous Intensity vs Wavelength
450
500
550
600
650
mA
100
75
50
25
0
%
TA = 25°
%
Radiation Diagram
0°
10°
20°
1.0
0.9
0.8
0.7
30°
40°
50°
60°
70°
80°
90°
0.5
0.3
0.1
0.2
0.4
0.6
TA = 25°
Forward Current vs Ambient Temperature
mA
°C
0
20
40
60
80
100
50
40
30
20
10
0
25
Relative Luminous Intensity vs Ambient
Temperature
%
100
10
1
1000
°C
-60 -40 -20
0 20 40 60 80 100
Relative Luminous Intensity vs Forward
Current
100
101
102
103
mA
%
100
10
1
1000
TA = 25°
f = 1 KHz
Duty = 1/10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com