Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSRRGBBC9 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSRRGBBC9
Description  Full-Color Right-Angle SMD (120째 Viewing Angle)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSRRGBBC9 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSRRGBBC9 Datasheet HTML 1Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 2Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 3Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 4Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 5Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 6Page - OPTEK Technologies OVSRRGBBC9 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Notes:
1.
Luminous intensity tolerance is ± 10%.
2.
Dominant wavelength tolerance is ± 1 nm.
3.
Forward voltage tolerance is ± 0.1 V.
Full-Color Right-Angle SMD
OVSRRGBBC9
Absolute Maximum Ratings
TA = 25o C (on metal core PCB1) unless otherwise noted
Electrical Characteristics
GREEN
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
(axial direction)
112
180
----
mcd
IF = 20 mA
2 ½
Viewing Angle
----
120
----
deg
IF = 20 mA
P
Peak Wavelength
----
518
----
nm
IF = 20 mA
D
Dominant Wavelength
510
----
540
nm
IF = 20 mA
¨
Spectrum Radiation Bandwidth
----
35
----
nm
IF = 20 mA
VF
Forward Voltage
----
3.3
3.9
V
IF = 20 mA
IR
Reverse Current
----
----
50
µA
VR = 5 V
Electrical Characteristics
Storage Temperature Range
-40 ~ +90°C
Operating Temperature Range
-40 ~ +85°C
Reverse Voltage
5 V
Continuous Forward Current
25 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
Red = 60 mA
Green = 100 mA
Blue = 100 mA
Power Dissipation
Red = 60 mW
Green = 110 mW
Blue = 110 mW
Soldering Temperature (for 5 seconds)
+260°C
RED
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
(axial direction)
45
72
----
mcd
IF = 20 mA
2 ½
Viewing Angle
----
120
----
deg
IF = 20 mA
P
Peak Wavelength
----
632
----
nm
IF = 20 mA
D
Dominant Wavelength
615
----
630
nm
IF = 20 mA
¨
Spectrum Radiation Bandwidth
----
20
----
nm
IF = 20 mA
VF
Forward Voltage
----
2.0
2.4
V
IF = 20 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com