Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PESDXV4UG
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXV4UG Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PESDXV4UG Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PESDXV4UF_G_W_3
Product data sheet
Rev. 03 — 28 January 2008
4 of 16
Nexperia
PESDxV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
For PESDxV4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[3]
For PESDxV4UG and PESDxV4UW measured from pin 1, 3, 4 or 5 to pin 2.
Table 7.
ESD maximum ratings
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2][3] -12
kV
MIL-STD-883 (human
body model)
-10
kV
Table 8.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Fig 1.
8/20
µs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 µs
50 % IPP; 20 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com