Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESDXV4UG
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXV4UG Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESDXV4UG Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
Very low capacitance unidirectional quadruple ElectroStatic Discharge (ESD) protection
diode arrays in small Surface-Mounted Device (SMD) plastic packages designed to
protect up to four signal lines from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
PESDxV4UF; PESDxV4UG;
PESDxV4UW
Very low capacitance unidirectional quadruple ESD
protection diode arrays
Rev. 03 — 28 January 2008
Product data sheet
Table 1.
Product overview
Type number
Package
Package configuration
Nexperia
JEITA
JEDEC
PESD3V3V4UF
SOT886
-
MO-252
leadless ultra small
PESD5V0V4UF
SOT886
-
MO-252
leadless ultra small
PESD3V3V4UG
SOT353
SC-88A
-
very small
PESD5V0V4UG
SOT353
SC-88A
-
very small
PESD3V3V4UW
SOT665
-
-
ultra small and flat lead
PESD5V0V4UW
SOT665
-
-
ultra small and flat lead
I ESD protection of up to four lines
I Ultra low leakage current: IRM =25nA
I Very low diode capacitance
I ESD protection up to 12 kV
I Max. peak pulse power: PPP =16W
I IEC 61000-4-2; level 4 (ESD)
I Low clamping voltage: VCL =11V
I IEC 61000-4-5 (surge); IPP = 1.5 A
I Computers and peripherals
I Communication systems
I Audio and video equipment
I Portable electronics
I Cellular handsets and accessories
I Subscriber Identity Module (SIM) card
protection


Similar Part No. - PESDXV4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESDXV4UG NXP-PESDXV4UG Datasheet
107Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
More results

Similar Description - PESDXV4UG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
PESDXV4UF PHILIPS-PESDXV4UF Datasheet
115Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com