Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PESDXV4UG
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXV4UG Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PESDXV4UG Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXV4UG Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PESDXV4UF_G_W_3
Product data sheet
Rev. 03 — 28 January 2008
2 of 16
Nexperia
PESDxV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
1.4 Quick reference data
2.
Pinning information
Table 2.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
-
-
3.3
V
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
-
-
5.0
V
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
-
1518pF
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
-
1215pF
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
PESD3V3V4UF; PESD5V0V4UF
1
cathode (diode 1)
2
common anode
3
cathode (diode 2)
4
cathode (diode 3)
5
common anode
6
cathode (diode 4)
PESD3V3V4UG; PESD5V0V4UG
1
cathode (diode 1)
2
common anode
3
cathode (diode 2)
4
cathode (diode 3)
5
cathode (diode 4)
PESD3V3V4UW; PESD5V0V4UW
1
cathode (diode 1)
2
common anode
3
cathode (diode 2)
4
cathode (diode 3)
5
cathode (diode 4)
bottom view
3
2
1
4
5
6
006aaa156
6
1
5
2
4
3
13
2
4
5
006aaa157
5
1
2
4
3
12
3
4
5
006aaa157
5
1
2
4
3
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com