Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000FE Datasheet(PDF) 1 Page - Belden Inc.

Part # 5000FE
Description  Security & Sound, 2 Conductor 12 AWG, BC, O/A Foil, CL3R-FPLR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5000FE Datasheet(HTML) 1 Page - Belden Inc.

  5000FE Datasheet HTML 1Page - Belden Inc. 5000FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 5000FE
Security & Sound, 2 Conductor 12 AWG, BC, O/A Foil, CL3R-FPLR
Product Description
Security & Commercial Audio Cable, Riser-CL3R-FPLR, 2-12 AWG stranded bare copper conductors with polypropylene insulation, Beldfoil® shield and PVC
jacket with ripcord
Technical Specifications
Product Overview
Suitable Applications:
Security System, Intercom/PA, Audio/Speaker, Fire Alarm Systems (Red only), Noisy Environment
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
12 AWG 19x25
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) PP - Polypropylene 0.011 in (0.28 mm) 0.113 in (2.87 mm)
Black, White
Inner Shield
Drainwire Type
20 AWG (Solid) TC
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.264 in (6.71 mm) Yes
Overall Cable Diameter (Nominal):
0.264 in (6.71 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 1.6 Ohm/1000ft
64 pF/ft (210 pF/m)
115.25 pF/ft (378.12 pF/m)
30 Amps per conductor @ 30°C
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C to +75°C


Similar Part No. - 5000FE

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
Simple Power Solution Using LDOs
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
logo
Texas Instruments
5000 TI1-5000 Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
5000 TI1-5000 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
More results

Similar Description - 5000FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5000UE BELDEN-5000UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 12 AWG, BC, Unshielded, CMR
5100UE BELDEN-5100UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL3R, FPLR
6000UE BELDEN-6000UE Datasheet
263Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, CL2P
5101FE BELDEN-5101FE Datasheet
177Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
12-20-2022
6000FE BELDEN-6000FE Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 12 AWG, BC, O/A Foil, CL2P
12-20-2022
5100FE BELDEN-5100FE Datasheet
199Kb / 2P
Security & Sound, 2 Conductor 14 AWG, BC, Shielded, CL3R, FPLR
04-14-2023
6401FE BELDEN-6401FE Datasheet
179Kb / 2P
Security & Sound, 3 Conductor 20 AWG BC, O/A Foil, CMP
12-20-2022
5101UE BELDEN-5101UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
04-28-2023
5401FE BELDEN-5401FE Datasheet
179Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, O/A Foil, CMR
12-20-2022
5001UH BELDEN-5001UH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 12 AWG, TC, CL3R
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com