Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201UE Datasheet(PDF) 1 Page - Belden Inc.

Part # 5201UE
Description  Security & Sound, 3 Conductor 16 AWG, BC, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5201UE Datasheet(HTML) 1 Page - Belden Inc.

  5201UE Datasheet HTML 1Page - Belden Inc. 5201UE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 5201UE
Security & Sound, 3 Conductor 16 AWG, BC, CMR
Product Description
Security & Commercial Audio Cable, Riser-CMR, 3-16 AWG stranded bare copper conductors with polypropylene insulation, PVC jacket with ripcord
Technical Specifications
Product Overview
Suitable Applications:
Addressable Fire Systems, Data Circuits, Monitor/Detection, Control Circuits, Initiating Circuits, Notification Circuits
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 3
16 AWG 19x29
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PO - Polyolefin 0.008 in (0.20 mm) 0.073 in (1.9 mm)
Black, Red, White
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.191 in (4.85 mm) Yes
Overall Cable Diameter (Nominal): 0.191 in (4.85 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 4.2 Ohm/1000ft
23.5 pF/ft (77.1 pF/m)
6.25 Amps per conductor @ 25°C
Voltage
UL Voltage Rating
300 V (CMR)
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
-20°C to +75°C
Bend Radius
Stationary Min. Installation Min.
1.9 in (48 mm)
1.9 in (48 mm)
Max. Pull Tension:
88 lbs (40 kg)
Bulk Cable Weight:
32 lbs/1000ft
Standards and Compliance


Similar Part No. - 5201UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5201UH BELDEN-5201UH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
11-09-2022
5201UH-0081000 BELDEN-5201UH-0081000 Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
11-09-2022
5201UH-008U1000 BELDEN-5201UH-008U1000 Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
11-09-2022
More results

Similar Description - 5201UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5501FE BELDEN-5501FE Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 22 AWG, BC, Shielded, CMR
04-28-2023
5201FE BELDEN-5201FE Datasheet
147Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, Shielded, CMR
04-28-2023
5301UE BELDEN-5301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, CMR
04-28-2023
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5201FH BELDEN-5201FH Datasheet
146Kb / 3P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
12-20-2022
5201UH BELDEN-5201UH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
11-09-2022
5200FE BELDEN-5200FE Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
04-13-2023
5401UE BELDEN-5401UE Datasheet
169Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMR
12-20-2022
5301FE BELDEN-5301FE Datasheet
149Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com