Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2001PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2001PBF
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001PBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2001PBF Datasheet HTML 1Page - International Rectifier IRS2001PBF Datasheet HTML 2Page - International Rectifier IRS2001PBF Datasheet HTML 3Page - International Rectifier IRS2001PBF Datasheet HTML 4Page - International Rectifier IRS2001PBF Datasheet HTML 5Page - International Rectifier IRS2001PBF Datasheet HTML 6Page - International Rectifier IRS2001PBF Datasheet HTML 7Page - International Rectifier IRS2001PBF Datasheet HTML 8Page - International Rectifier IRS2001PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IRS2001(S)PbF
www.irf.com
3
PRELIMINARY
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
2.5
—
—
VIL
Logic “0” input voltage
—
—
0.8
VOH
High level output voltage, VBIAS - VO
—
0.05
0.2
VOL
Low level output voltage, VO
—
0.02
0.1
ILK
Offset supply leakage current
—
—
50
VB = VS = 200 V
IQBS
Quiescent VBS supply current
—
30
55
IQCC
Quiescent VCC supply current
—
150
270
IIN+
Logic “1” input bias current
—3
10
VIN = 5 V
IIN-
Logic “0” input bias current
——
1
VIN = 0 V
VCCUV+
VCC supply undervoltage positive going threshold
8
8.9
9.8
VCCUV-
VCC supply undervoltage negative going threshold
7.4
8.2
9
VO = 0 V
IO+
Output high short circuit pulsed current
130
290
—
VIN=Logic “1”
PW
≤ 10 µs
VO = 15 V
IO-
Output low short circuit pulsed current
270
600
—
VIN = Logic “0”
PW
≤ 10 µs
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
—
160
220
VS = 0 V
toff
Turn-off propagation delay
—
150
220
VS = 200 V
tr
Turn-on rise time
—
70
170
tf
Turn-off fall time
—
35
90
MT
Delay matching, HS & LS turn-on/off
—
—
50
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, CL = 1000 pF and TA = 25 °C unless otherwise specified.
V
mA
V
µA
ns
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V and TA = 25 °C unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
VCC = 10 V to 20 V
IO = 2 mA
VIN = 0 V or 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com