Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2001PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2001PBF
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2001PBF Datasheet HTML 6Page - International Rectifier IRS2001PBF Datasheet HTML 7Page - International Rectifier IRS2001PBF Datasheet HTML 8Page - International Rectifier IRS2001PBF Datasheet HTML 9Page - International Rectifier IRS2001PBF Datasheet HTML 10Page - International Rectifier IRS2001PBF Datasheet HTML 11Page - International Rectifier IRS2001PBF Datasheet HTML 12Page - International Rectifier IRS2001PBF Datasheet HTML 13Page - International Rectifier IRS2001PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IRS2001(S)PbF
www.irf.com
10
PRELIMINARY
Figure 17A. VBS Supply Current
vs. Temperature
Figure 17B. VBS Supply Current
vs. Voltage
VBS Floating Supply Voltage (V)
Figure 18A. Vcc Supply Current
vs. Temperature
Temperature (°C)
Temperature (°C)
Figure 18B. Vcc Supply Current
vs. Voltage
Vcc Supply Voltage (V)
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
-5 0
-2 50
2 55 07 5
1 0 0
1 2 5
Ma x .
Ty p.
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
10
12
14
16
18
20
Ma x .
Ty p.
0
30
60
90
120
150
10
12
14
16
18
20
Max .
Ty p.
0
30
60
90
12 0
15 0
-50
-25
0
2 5
5 0
7 5
1 00
1 25
Ma x .
Ty p.
Figure 16A. Offset Supply Current
vs. Temperature
0
100
200
300
400
500
0
100
200
300
400
500
600
Max.
Figure 16B. Offset Supply Current
vs. Voltage
VB Boost Voltage (V)
Temperature (°C)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Ma x .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com