Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2001PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2001PBF
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2001PBF Datasheet HTML 5Page - International Rectifier IRS2001PBF Datasheet HTML 6Page - International Rectifier IRS2001PBF Datasheet HTML 7Page - International Rectifier IRS2001PBF Datasheet HTML 8Page - International Rectifier IRS2001PBF Datasheet HTML 9Page - International Rectifier IRS2001PBF Datasheet HTML 10Page - International Rectifier IRS2001PBF Datasheet HTML 11Page - International Rectifier IRS2001PBF Datasheet HTML 12Page - International Rectifier IRS2001PBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IRS2001(S)PbF
www.irf.com
9
PRELIMINARY
Vcc Supply Voltage (V)
Figure 14A. High Level Output Voltage
vs. Temperature
Figure 14B. High Level Output
vs. Supply Voltage
Figure 15A. Low Level Output Voltage
vs. Temperature
Figure 15B. Low level Output
vs.Supply Voltage
Figure 13A. Logic "0" Input Voltage
vs. Temperature
Temperature (°C)
Vcc Supply Voltage (V)
Figure 13B. Logic "0" Input Voltage
vs. Supply Voltage
0
0.8
1.6
2.4
3.2
4
10
12
14
16
18
20
Ma x .
0
0.8
1.6
2.4
3.2
4
-5 0
-2 5
0
2 55 07 5
1 0 0
1 2 5
Ma x .
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
BIAS Supply V oltage (V )
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
0.0
0.1
0.2
0.3
0.4
0.5
-50-25
0
25
50
75100
125
Temperature (oC)
0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com