Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6103CMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6103CMS8
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103CMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6103CMS8 Datasheet HTML 7Page - Linear Technology LTC6103CMS8 Datasheet HTML 8Page - Linear Technology LTC6103CMS8 Datasheet HTML 9Page - Linear Technology LTC6103CMS8 Datasheet HTML 10Page - Linear Technology LTC6103CMS8 Datasheet HTML 11Page - Linear Technology LTC6103CMS8 Datasheet HTML 12Page - Linear Technology LTC6103CMS8 Datasheet HTML 13Page - Linear Technology LTC6103CMS8 Datasheet HTML 14Page - Linear Technology LTC6103CMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6103
11
6103f
APPLICATIONS INFORMATION
If the power dissipation of the sense resistor is chosen to
be less than 0.5W then:
R
mW
I
m
SENSE
SENSE MAX
≤=
500
500
2
()
Ω
VSENSE(MAX) = ISENSE(MAX) • RSENSE = 500mV
Gain
R
R
V
V
V
mV
OUT
IN
OUT MAX
SENSE MAX
==
=
=
()
()
3
500
6
If the maximum output current, IOUT, is limited to 1mA:
R
V
mA
k
value and
R
k
OUT
IN
=≈
=≈
3
1
301 1
3
6
499
.( %
)
Ω (%
)
1
value
The output error due to DC offset is ±510µV (typ) and the
error due to offset current:
IOS is 3kΩ × 100nA = ±300µV (typical)
The maximum output error can therefore reach ±810µV
or 0.027% (–71dB) of the output full scale. Considering
the system input 60dB dynamic range (ISENSE = 1mA to
1A), the 71dB performance of the LTC6103 makes this
application feasible.
In many applications the power dissipation of the sense
resistor is of greater importance than the precision of the
measurement. Designing for a VSENSE(MAX) of as low as
100mV is recommended in such cases.
Output Current Limitations Due to Power Dissipation
The LTC6103 can deliver up to 1mA continuous current to
the output pin. This current flows through RIN and enters
the current sense amp via the –IN pin. The power dissipated
in the LTC6103 due to the output signal is:
POUT = (VIN
– – VOUT) • IOUT
Since VIN
– ≈ VS, POUT ≈ (VS – VOUT) • IOUT
There is also power dissipated due to the quiescent sup-
ply current:
PQ = IS • VS
The total power dissipated is the output dissipation plus
the quiescent dissipation:
PTOTAL = POUTA + POUTB + PQA + PQB
At maximum supply and maximum output current, the
total power dissipation can exceed 100mW. This will
cause significant heating of the LTC6103 die. In order to
prevent damage to the LTC6103, the maximum expected
dissipation in each application should be calculated. This
number can be multiplied by the
θJA value listed in the
Package/Order Information to find the maximum expected
die temperature. This must not be allowed to exceed 150°C
or performance may be degraded.
As an example, if an LTC6103 in the MS8 package is to
be run at 55V ±5V supply with 0.5mA output current in
both amplifiers at 80°C:
PQ(MAX) = IS(MAX) • V
+ (MAX) • 2 = 82.8mW
POUT(MAX) = IOUT • V
+ (MAX) • 2 = 60mW
TRISE = θJA • PTOTAL(MAX) = 300°C/W • (82.8mW +
60mW) ≈ 43°C
TMAX = TAMBIENT + TRISE = 80°C + 43°C = 123°C
TMAX must be <150°C
PTOTAL(MAX) ≈ 143mW and the maximum die tempera-
ture will be 123°C
If this same circuit must run at 125°C, the maximum die
temperature will exceed 150°C. (Note that supply current,
and therefore PQ, is proportional to temperature. Refer to
the Typical Performance Characteristics.) In this condition,
the maximum output current should be reduced to avoid
device damage. It is important to note that the LTC6103
has been designed to provide at least 1mA to the output
when required, and can deliver more depending on the
conditions. Care must be taken to limit the maximum
output current by proper choice of resistors and, if input
fault conditions exist, external clamps.
Output Filtering
The output voltage, VOUT, is simply IOUT • ZOUT. This
makes filtering straightforward. Any circuit may be used
which generates the required ZOUT to get the desired filter
response. For example, a capacitor in parallel with ROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com