Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6103CMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6103CMS8
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103CMS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC6103CMS8 Datasheet HTML 1Page - Linear Technology LTC6103CMS8 Datasheet HTML 2Page - Linear Technology LTC6103CMS8 Datasheet HTML 3Page - Linear Technology LTC6103CMS8 Datasheet HTML 4Page - Linear Technology LTC6103CMS8 Datasheet HTML 5Page - Linear Technology LTC6103CMS8 Datasheet HTML 6Page - Linear Technology LTC6103CMS8 Datasheet HTML 7Page - Linear Technology LTC6103CMS8 Datasheet HTML 8Page - Linear Technology LTC6103CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6103
5
6103f
TYPICAL PERFORMANCE CHARACTERISTICS
Step Response Falling Edge
PSRR vs Frequency
Step Response 0mV to 100mV
Step Response 0mV to 100mV
Step Response Rising Edge
5V
0V
TIME (10
µs/DIV)
6103 G13
VOUT
CLOAD = 1000pF
CLOAD = 10pF
VSENSE
–
TA = 25°C
V
+ = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V+
∆VSENSE
– =100mV
V
+
5V
0V
TIME (100
µs/DIV)
6103 G14
VOUT
VSENSE
–
TA = 25°C
V
+ = 12V
CLOAD = 2200pF
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V+
∆VSENSE
– =100mV
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6103 G15
VOUT
VSENSE
–
∆VSENSE
– =100mV
IOUT = 100µA
IOUT = 0µA
TA = 25°C
V
+ = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V+
5.5V
V+
5V
0.5V
0V
TIME (500ns/DIV)
6103 G16
VOUT
∆VSENSE
– =100mV
IOUT = 100µA
IOUT = 0µA
TA = 25°C
V
+ = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V+
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
6103 G17
140
100
120
80
60
40
20
0
RIN = 100Ω
ROUT = 5k
COUT = 5pF
GAIN = 50
IOUTDC = 100µA
VINAC = 50mVP-P
VS = 12V
VS = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com