Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6103CMS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6103CMS8
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103CMS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6103CMS8 Datasheet HTML 8Page - Linear Technology LTC6103CMS8 Datasheet HTML 9Page - Linear Technology LTC6103CMS8 Datasheet HTML 10Page - Linear Technology LTC6103CMS8 Datasheet HTML 11Page - Linear Technology LTC6103CMS8 Datasheet HTML 12Page - Linear Technology LTC6103CMS8 Datasheet HTML 13Page - Linear Technology LTC6103CMS8 Datasheet HTML 14Page - Linear Technology LTC6103CMS8 Datasheet HTML 15Page - Linear Technology LTC6103CMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC6103
12
6103f
will give a lowpass response. This will reduce unwanted
noise from the output, and may also be useful as a charge
reservoir to keep the output steady while driving a switch-
ing circuit such as a mux or ADC. This output capacitor
in parallel with an output resistor will create a pole in the
output response at:
f
RC
dB
OUT
OUT
–
••
•
3
1
2
=
π
Useful Equations
Input Voltage: VSENSE = IR
Voltage
SENSE
SENSE
•
G
Gain:
V
Current Gain:
I
OUT
OUT
V
R
R
SENSE
OUT
IN
=
II
R
R
V
SENSE
SENSE
IN
SEN
=
Transconductance:
IOUT
S
SE
IN
SENSE
SENSE
R
I
R
R
=
=
1
Transimpedance:
VOUT
• O
OUT
IN
R
Reverse Supply Protection
Some applications may be tested with reverse-polarity
supplies due to an expectation of this type of fault during
operation. The LTC6103 is not protected internally from
external reversal of supply polarity. To prevent damage
that may occur during this condition, a Schottky diode
should be added in series with V– (Figure 5). This will
limit the reverse current through the LTC6103. Note that
this diode will limit the low voltage performance of the
LTC6103 by effectively reducing the supply voltage to the
part by VD.
In addition, if the output of the LTC6103 is wired to a
device that will effectively short it to high voltage (such as
through an ESD protection clamp) during a reverse sup-
ply condition, the LTC6103’s output should be connected
through a resistor or Schottky diode (Figure 6).
Response Time
The LTC6103 is designed to exhibit fast response to inputs
for the purpose of circuit protection or signal transmis-
sion. This response time will be affected by the external
circuit in two ways, delay and speed. If the output current
is very low and an input transient occurs, there may be an
increased delay before the output voltage begins changing.
This can be improved by increasing the minimum output
current, either by increasing RSENSE or decreasing RIN. The
effect of increased output current is illustrated in the step
response curves in the Typical Performance Characteristics
of this data sheet. Note that the curves are labeled with
respect to the initial output currents.
APPLICATIONS INFORMATION
Figure 5. Schottky Prevents Damage During Supply Reversal
Figure 6. Additional Resistor, R3, Protects
Output During Supply Reversal
+
–
+IN
OUT
VS
1/2
LTC6103
–IN
RIN
RSENSE
V+
V–
D1
ROUT
6103 F05
LOAD
ILOAD
+
–
8
7
4
1
+IN
OUT
VS
1/2
LTC6103
TO
mP
6103 F06
–IN
RIN
RSENSE
V+
V–
ROUT
LOAD
ILOAD
ADC
R3
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com