Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4CM4EOQ Datasheet(PDF) 16 Page - Alliance Semiconductor Corporation

Part # AS4CM4EOQ
Description  4M X 4 CMOS Quad CAS DRAM (EDO) family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4CM4EOQ Datasheet(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS4CM4EOQ Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 16Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AS4C4M4EOQ
AS4C4M4E1Q
®
3/22/01; v.1.0
Alliance Semiconductor
P. 16 of 16
CAS-before-RAS self refresh cycle
Capacitance 15
ƒ = 1 MHz, Ta = Room temperature
4C4M4EOQ ordering information
AS4C4M4E1Q ordering information
4C4M4EOQ family part numbering system
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN1
A0 to A9
Vin = 0V
5
pF
CIN2
RAS, UCAS, LCAS, WE, OE
Vin = 0V
7
pF
DQ capacitance
CDQ
DQ0 to DQ15
Vin = Vout = 0V
7
pF
Package \ RAS access time
50 ns
60 ns
Plastic SOJ, 300 mil, 24/26-pin
5V
4C4M4EOQ-50JC
4C4M4EOQ-60JC
Plastic TSOP, 300 mil, 24/26-pin
5V
4C4M4EOQ-50TC
4C4M4EOQ-60TC
Package \ RAS access time
50 ns
60 ns
Plastic SOJ, 300 mil, 24/26-pin
5V
AS4C4M4E1Q-50JC
AS4C4M4E1Q-60JC
Plastic TSOP, 300 mil, 24/26-pin
5V
AS4C4M4E1Q-50TC
AS4C4M4E1Q-60TC
AS4
C
4M4
E0
–XX
X
C
DRAM
prefix
C = 5V CMOS
LC = 3.3V CMOS
4M×4
E0=4K refresh
E1=2K refresh
RAS access
time
Package:
J = SOJ 300 mil, 24/26
T = TSOP 300 mil, 24/26
Commercial temperature
range, 0°C to 70 °C
tRP
tRASS
tRPC
tCP
tCHS
tCEZ
RAS
UCAS,
DQ
LCAS
tRPS
tCSR
tRPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com