Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4CM4EOQ Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4CM4EOQ
Description  4M X 4 CMOS Quad CAS DRAM (EDO) family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4CM4EOQ Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4CM4EOQ Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2001
Copyright © Alliance Semiconductor. All rights reserved.
®
AS4C4M4EOQ
AS4C4M4E1Q
4M ✕ 4 CMOS QuadCAS DRAM (EDO) family
3/22/01; v.1.0
Alliance Semiconductor
P. 1 of 16
Features
• Organization: 4,194,304 words × 4 bits
• High speed
- 50/60 ns RAS access time
- 25/30 ns column address access time
- 12/15 ns CAS access time
• Low power consumption
- Active: 495 mW max
- Standby: 5.5 mW max, CMOS I/O
• Extended data out
•Refresh
- 4096 refresh cycles, 64 ms refresh interval for
4C4M4EOQ
- 2048 refresh cycles, 32 ms refresh interval for
AS4C4M4E1Q
-RAS-only and hidden refresh or CAS-before-RAS refresh
or self-refresh
• TTL-compatible
•4 separate CAS pins allow for separate I/O operation
• JEDEC standard package
- 300 mil, 28-pin SOJ
- 300 mil, 28-pin TSOP
• 5V power supply
• Latch-up current
≥ 200 mA
• ESD protection
≥ 2000 mV
Pin arrangement
A8
A7
A6
A5
A4
A10
A0
A1
A2
A3
VCC
GND
GND
I/O3
I/O2
CAS3
OE
VCC
I/O0
I/O1
WE
RAS
1
2
3
4
5
28
27
26
25
24
*NC/A11
A9
623
9
10
11
12
13
20
19
18
17
16
14
15
SOJ
A8
A7
A6
A5
A4
A10
A0
A1
A2
A3
VCC
GND
GND
I/O3
I/O2
CAS3
OE
VCC
I/O0
I/O1
WE
RAS
1
2
3
4
5
28
27
26
25
24
*NC/A11
A9
623
9
10
11
12
13
20
19
18
17
16
14
15
TSOP
* NC on 2K refresh version; A11 on 4K refresh version
CAS0
CAS1
7
8
CAS2
22
21
NC
CAS0
CAS1
7
8
NC
22
21
CAS2
Pin designation
Pin(s)
Description
A0 to A11
Address inputs
RAS
Row address strobe
CAS
Column address strobe
WE
Write enable
I/O0 to I/O3
Input/output
OE
Output enable
VCC
Power
GND
Ground
NC
No Connection
Selection guide
Symbol
4C4M4EOQ/E1Q-50
4C4M4EOQ/E1-60
Unit
Maximum RAS access time
tRAC
50
60
ns
Maximum column address access time
tCAA
25
30
ns
Maximum CAS access time
tCAC
12
15
ns
Maximum output enable (OE) access time
tOEA
13
15
ns
Minimum read or write cycle time
tRC
85
100
ns
Minimum hyper page mode cycle time
tPC
20
24
ns
Maximum operating current
ICC1
110
100
mA
Maximum CMOS standby current
ICC5
1.0
1.0
mA


Similar Part No. - AS4CM4EOQ

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C1024 AUSTIN-AS4C1024 Datasheet
5Mb / 11P
FAST PAGE MODE
REV. 10
AS4C1259 AUSTIN-AS4C1259 Datasheet
1Mb / 10P
FAST PAGE MODE
REV. 10
AS4C1259883C AUSTIN-AS4C1259883C Datasheet
27Mb / 10P
256K x 1 DRAM
logo
Alliance Semiconductor ...
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
Auto Refresh and Self Refresh
AS4C128M16D2-25BCN ALSC-AS4C128M16D2-25BCN Datasheet
2Mb / 75P
Auto Refresh and Self Refresh
More results

Similar Description - AS4CM4EOQ

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C4003C SAMSUNG-KM44C4003C Datasheet
376Kb / 20P
4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
KM44C4005C SAMSUNG-KM44C4005C Datasheet
378Kb / 20P
4M x 4Bit CMOS Quad CAS DRAM with Extended Data Out
logo
Siemens Semiconductor G...
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
4M x 36-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
4M x 72-Bit EDO-DRAM Module
logo
Hynix Semiconductor
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
4M x 4Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
4M x 16Bit EDO DRAM
logo
Samsung semiconductor
KMM5361205C2W SAMSUNG-KMM5361205C2W Datasheet
289Kb / 17P
1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com