Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4CM4EOQ Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4CM4EOQ
Description  4M X 4 CMOS Quad CAS DRAM (EDO) family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4CM4EOQ Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4CM4EOQ Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4CM4EOQ Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
®
AS4C4M4EOQ
AS4C4M4E1Q
3/22/01; v.1.0
Alliance Semiconductor
P. 5 of 16
DC electrical characteristics (AS4LC4M4E0/E1)
Parameter
Symbol Test conditions
-50
-60
Unit
Notes
Min
Max
Min
Max
Input leakage current
IIL
0V
≤ V
in ≤ VCC (max)
Pins not under test = 0V
-5
+5
-5
+5
µ
A
Output leakage current IOL
DOUT disabled, 0V ≤ Vout ≤ VCC
(max)
-5
+5
-5
+5
µ
A
Operating power
supply current
ICC1
RAS, UCAS, LCAS, Address cycling;
tRC=min
–
85
–
75
mA
4,5
TTL standby power
supply current
ICC2
RAS = UCAS = LCAS
≥ V
IH,
all other inputs at VIH or VIL
–2.0
–2.0
mA
Average power supply
current, RAS refresh
mode or CBR
ICC3
RAS cycling, UCAS = LCAS
≥ V
IH,
tRC = min of RAS low after XCAS low.
–80–
70
mA
4
EDO page mode
average power supply
current
ICC4
RAS = VIL, UCAS or LCAS,
address cycling: tHPC = min
–
85
–
75
mA
4, 5
CMOS standby power
supply current
ICC5
RAS = UCAS = LCAS = VCC - 0.2V,
F = 0
–200
–200
µA
Output voltage
VOH
IOUT = -2.0 mA
2.4
–
2.4
–
V
VOL
IOUT = 2 mA
–0.4
–0.4
V
CAS before RAS refresh
current
ICC6
RAS, UCAS or LCAS cycling, tRC =
min
–80–
70
mA
Self refresh current
ICC7
RAS = UCAS = LCAS
≤ 0.2V,
WE = OE = VCC - 0.2V,
all other inputs at 0.2V or VCC -
0.2V
–0.3
–0.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com