Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93ZMY6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T93ZMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93ZMY6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T93ZMY6F Datasheet HTML 5Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 6Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 7Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 8Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 9Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 10Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 11Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 12Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
M41T93
Summary description
9/49
Figure 4.
Block diagram
1.
Open drain output
2.
VRST = VSO = 2.93V (S), 2.63V (R), and 2.32V (Z).
REAL TIME CLOCK
CALENDAR
ALARM1
ALARM2
WATCHDOG
OSCILLATOR FAIL
CIRCUIT
SQUARE WAVE
OUTPUT DRIVER
8 BITS OF OTP
8-BIT COUNTER
FREQUENCY TEST
USER SRAM (7 Bytes)
IRQ/FT/OUT
(1)
SQW
RST
(1)
INTERNAL
POWER
SQWE
A1IE
E
SCL
VCC
OFIE
COMPARE
trec
TIMER
SDO
SDI
SPI
INTERFACE
32kHz
OSCILLATOR
VBAT
CRYSTAL
XI
XO
VRST/VSO
(2)
AI11821
WRITE
PROTECT
VCC < VRST
FT
OUT
TIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com