Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93ZMY6F Datasheet(PDF) 36 Page - STMicroelectronics

Part # M41T93ZMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93ZMY6F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M41T93ZMY6F Datasheet HTML 32Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 33Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 34Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 35Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 36Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 37Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 38Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 39Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
DC and AC parameters
M41T93
36/49
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 16.
Measurement AC I/O waveform
1.
Effective capacitance measured with power supply at 3.6V; sampled only, not 100% tested.
2.
At 25°C, f = 1MHz.
3.
Outputs deselected.
Table 16.
Operating and AC measurement conditions
Parameter
M41T93
Supply Voltage (VCC)
2.38V to 5.5V
Ambient operating temperature (TA)–40 to 85°C
Load capacitance (CL, typical)
30pF
Input rise and fall times
≤50ns
Input pulse voltages
0.2VCC to 0.8 VCC
Input and output timing ref. voltages
0.3VCC to 0.7 VCC
Table 17.
Capacitance
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input capacitance
7
pF
COUT
(3)
Output capacitance
10
pF
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com