Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93ZMY6F Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41T93ZMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93ZMY6F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41T93ZMY6F Datasheet HTML 33Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 34Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 35Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 36Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 37Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 38Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 39Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 40Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
M41T93
DC and AC parameters
37/49
Table 18.
DC Characteristics
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.38V to 5.5V (except where noted).
Sym
Parameter
Test condition(1)
Min
Typ
Max
Unit
VCC
Operating voltage (S)
–40 to 85°C
3.00
5.50
V
Operating voltage (R)
–40 to 85°C
2.70
5.50
V
Operating voltage (Z)
–40 to 85°C
2.38
5.50
V
ILI
Input leakage current
0V
≤VIN ≤VCC
±1
µA
ILO
Output leakage current
0V
≤VOUT ≤VCC
±1
µA
ICC1
Supply current
SCL = 0.1VCC/0.9VCC
SDO = Open
fSCL = 2MHz
tbd
µA
fSCL = 5MHz
tbd
µA
fSCL = 10MHz
tbd
µA
ICC2
Supply current (standby)
E = VCC;
All inputs
≥ VCC – 0.2V;
≤VSS + 0.2V
5.5V
7
10
µA
3.0V
TBD
µA
2.5V (Z only)
TBD
µA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC+0.3
V
VOL
Output low voltage
RST, FT/RST
VCC/VBAT = 3.0V,
IOL = 1.0mA
0.4
V
SQW, IRQ/FT/OUT
VCC = 3.0V,
IOL = 1.0mA
0.4
V
SDO
VCC = 3.0V,
IOL = 3.0mA
0.4
V
VOH
Output high voltage
VCC = 3.0V, IOH = –1.0mA (push-pull)
2.4
V
Pull-up supply voltage
(open drain)
IRQ/FT/OUT
5.5
V
VBAT
Back-up supply voltage
1.8
5.5
V
IBAT
Battery supply current
25°C; VCC = 0V; OSC On; VBAT = 3V;
32kHz Off
365
450
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com