Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C2001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M27C2001
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M27C2001_06 Datasheet HTML 11Page - STMicroelectronics M27C2001_06 Datasheet HTML 12Page - STMicroelectronics M27C2001_06 Datasheet HTML 13Page - STMicroelectronics M27C2001_06 Datasheet HTML 14Page - STMicroelectronics M27C2001_06 Datasheet HTML 15Page - STMicroelectronics M27C2001_06 Datasheet HTML 16Page - STMicroelectronics M27C2001_06 Datasheet HTML 17Page - STMicroelectronics M27C2001_06 Datasheet HTML 18Page - STMicroelectronics M27C2001_06 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DC and AC parameters
M27C2001
15/25
Table 8.
Programming Mode DC Characteristics (1)
(TA = 25°C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0
≤V
IN ≤VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 9.
Read Mode AC Characteristics (1)
(TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
Symbol
Alt
Parameter
Test
Condition
M27C2001
Unit
-55 (2)
-70
-80
-90
Min
Max
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid
to Output
Valid
E = VIL,
G = VIL
55
70
80
90
ns
tELQV
tCE
Chip Enable
Low to Output
Valid
G = VIL
55
70
80
90
ns
tGLQV
tOE
Output Enable
Low to Output
Valid
E = VIL
30
35
40
40
ns
tEHQZ
(3)
tDF
Chip Enable
High to Output
Hi-Z
G = VIL
0
30
0
30
0
30
0
30
ns
tGHQZ
(3)
tDF
Output Enable
High to Output
Hi-Z
E = VIL
0
30
0
30
0
30
0
30
ns
tAXQX
tOH
Address
Transition to
Output
Transition
E = VIL,
G = VIL
00
0
0
ns
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2.
In case of 55ns speed see High Speed AC measurement conditions.
3. Sampled only, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com