Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C2001 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M27C2001
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M27C2001_06 Datasheet HTML 13Page - STMicroelectronics M27C2001_06 Datasheet HTML 14Page - STMicroelectronics M27C2001_06 Datasheet HTML 15Page - STMicroelectronics M27C2001_06 Datasheet HTML 16Page - STMicroelectronics M27C2001_06 Datasheet HTML 17Page - STMicroelectronics M27C2001_06 Datasheet HTML 18Page - STMicroelectronics M27C2001_06 Datasheet HTML 19Page - STMicroelectronics M27C2001_06 Datasheet HTML 20Page - STMicroelectronics M27C2001_06 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DC and AC parameters
M27C2001
17/25
Figure 8.
Read Mode AC Waveforms
Table 11.
Programming Mode AC Characteristics(1)
(TA = 25°C; VCC = 6.25 ± 0.25V; VPP = 12.75 ± 0.25V)
Symbol
Alt
Parameter
Test
Condition
Min
Max
Unit
tAVPL
tAS
Address Valid to Program Low
2
µs
tQVPL
tDS
Input Valid to Program Low
2
µs
tVPHPL
tVPS
VPP High to Program Low
2
µs
tVCHPL
tVCS
VCC High to Program Low
2
µs
tELPL
tCES
Chip Enable Low to Program Low
2
µs
tPLPH
tPW
Program Pulse Width
95
105
µs
tPHQX
tDH
Program High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
100
ns
tGHQZ
(2)
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address Transition
0
ns
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2.
Sampled only, not 100% tested.
AI00719B
tAXQX
tEHQZ
A0-A17
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com