Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C2001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M27C2001
Description  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M27C2001_06 Datasheet HTML 12Page - STMicroelectronics M27C2001_06 Datasheet HTML 13Page - STMicroelectronics M27C2001_06 Datasheet HTML 14Page - STMicroelectronics M27C2001_06 Datasheet HTML 15Page - STMicroelectronics M27C2001_06 Datasheet HTML 16Page - STMicroelectronics M27C2001_06 Datasheet HTML 17Page - STMicroelectronics M27C2001_06 Datasheet HTML 18Page - STMicroelectronics M27C2001_06 Datasheet HTML 19Page - STMicroelectronics M27C2001_06 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
M27C2001
DC and AC parameters
16/25
Table 10.
Read Mode AC Characteristics (1)
(TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Alt
Parameter
Test Condition
M27C2001
Unit
-10
-12
-15/-20/-25
Min Max Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
100
120
150
ns
tELQV
tCE
Chip Enable Low
to Output Valid
G = VIL
100
120
150
ns
tGLQV
tOE
Output Enable
Low to Output
Valid
E = VIL
50
50
60
ns
tEHQZ
(2)
2.
Sampled only, not 100% tested.
tDF
Chip Enable
High to Output
Hi-Z
G = VIL
030
0
40
0
50
ns
tGHQZ
(2)
tDF
Output Enable
High to Output
Hi-Z
E = VIL
030
0
40
0
50
ns
tAXQX
tOH
Address
Transition to
Output Transition
E = VIL, G = VIL
00
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com