Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1016B Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS1016B
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016B Datasheet(HTML) 4 Page - Micro Analog systems

  MAS1016B Datasheet HTML 1Page - Micro Analog systems MAS1016B Datasheet HTML 2Page - Micro Analog systems MAS1016B Datasheet HTML 3Page - Micro Analog systems MAS1016B Datasheet HTML 4Page - Micro Analog systems MAS1016B Datasheet HTML 5Page - Micro Analog systems MAS1016B Datasheet HTML 6Page - Micro Analog systems MAS1016B Datasheet HTML 7Page - Micro Analog systems MAS1016B Datasheet HTML 8Page - Micro Analog systems MAS1016B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 (10)
DA1016B.001
27 January, 2004
TYPICAL APPLICATION
Note 1: Crystal
The crystal as well as ferrite antenna frequencies are chosen according to the time signal system. Ferrite
antenna frequencies and recommended crystal frequencies are presented in table 1. For more details about
crystal selection see DAEV1016B.
Table 1
Time-Signal System Frequencies
Time-Signal System
Location
Frequency
Recommended Crystal Frequency
Unit
DCF77
Germany
77.5
77.503
kHz
MSF
United Kingdom
60
60.003
kHz
WWVB
USA
60
60.003
kHz
JJY
Japan
40 and 60
40.003 and 60.003
kHz
Note 2: AGC Capacitor
The AGC capacitor value is also chosen according to time-signal system. Recommended capacitor values are
presented in table 2. WWVB and JJY systems require external control of AON (=AGC on) pin to receive pulses
correctly. For more details about required control of AON in WWVB and JJY systems see DAEV1016B.
The AGC and DEC capacitors should have low leakage currents due to very small 40 nA signal currents
through the capacitors. The insulation resistance of these capacitors should be higher than 70 M
Ω. Also probes
with at least 100 M
Ω impedance should be used for voltage probing of AGC and DEC pins.
Table 2
Recommended AGC Capacitor Value
Time-Signal System
Recommended AGC Capacitor Value
DCF77
470nF
MSF
1uF
WWVB
220nF + Special AGC Control
JJY
220nF + Special AGC Control
AGC Amplifier
Demodulator
&
Comparator
Power Supply/Biasing
RFI
OUT
QI
QO
VSS
AGC
DEC
Receiver
output
Ferrite-
Antenna
Note 1
AON (=AGC on)
VDD
1.4 V
PDN
Note 2
X1
CAGC
0.47…1 uF
CDEM
47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com