Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1016B Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS1016B
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016B Datasheet(HTML) 1 Page - Micro Analog systems

  MAS1016B Datasheet HTML 1Page - Micro Analog systems MAS1016B Datasheet HTML 2Page - Micro Analog systems MAS1016B Datasheet HTML 3Page - Micro Analog systems MAS1016B Datasheet HTML 4Page - Micro Analog systems MAS1016B Datasheet HTML 5Page - Micro Analog systems MAS1016B Datasheet HTML 6Page - Micro Analog systems MAS1016B Datasheet HTML 7Page - Micro Analog systems MAS1016B Datasheet HTML 8Page - Micro Analog systems MAS1016B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 (10)
DA1016B.001
27 January, 2004
MAS1016B
AM Receiver IC
• High Sensitivity
• Very Low Power Consumption
• Wide Supply Voltage Range
• Power Down Control
• Control for AGC On
• High Selectivity by Crystal Filter
DESCRIPTION
The MAS1016B AM Receiver chip is a highly
sensitive, simple to use AM receiver specially
intended to receive time signals in the frequency
range from 40 kHz to 100 kHz. Only a few external
components are required for time signal receiver.
The circuit has preamplifier, wide range automatic
gain control, demodulator and output comparator
built in. The output signal can be processed directly
by an additional digital circuitry to extract the data
from the received signal. The control for AGC
(automatic gain control) can be used to switch AGC
on or off if necessary. WWVB in USA and JJY in
Japan require use of AGC control procedure, which
is simplified in MAS1016B.
FEATURES
APPLICATIONS
•
Highly Sensitive AM Receiver, 0.5
µVRMS typ.
•
Wide Supply Voltage Range from 1.1 V to 3.6 V
•
Very Low Power Consumption 50
µA typ.
•
Power Down Control
•
Only a Few External Components Necessary
•
Control for AGC On
•
Wide Frequency Range from 40 kHz to 100 kHz
•
High Selectivity by Quartz Crystal Filter
•
Die and TSSOP-16 Package
•
Time Signal Receiver Designed for MSF (UK),
WWVB (USA), JJY (Japan) and DCF77
(Germany)
•
Receiver for ASK Modulated Data Signals
BLOCK DIAGRAM
AGC Amplifier
Demodulator
&
Comparator
Power Supply/Biasing
RFI
OUT
QI
QO
PDN
VDD
VSS
AGC
DEC
AON (=AGC on)


Similar Part No. - MAS1016B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
AM Receiver IC
More results

Similar Description - MAS1016B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com