Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1016B Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS1016B
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016B Datasheet(HTML) 5 Page - Micro Analog systems

  MAS1016B Datasheet HTML 1Page - Micro Analog systems MAS1016B Datasheet HTML 2Page - Micro Analog systems MAS1016B Datasheet HTML 3Page - Micro Analog systems MAS1016B Datasheet HTML 4Page - Micro Analog systems MAS1016B Datasheet HTML 5Page - Micro Analog systems MAS1016B Datasheet HTML 6Page - Micro Analog systems MAS1016B Datasheet HTML 7Page - Micro Analog systems MAS1016B Datasheet HTML 8Page - Micro Analog systems MAS1016B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 (10)
DA1016B.001
27 January, 2004
SAMPLES IN SBDIL 20 PACKAGE
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
NC
1
VDD
2
P
Positive Power Supply
NC
3
QO
4
AO
Quartz Filter Output
NC
5
1
QI
6
AI
Quartz Filter Input
AGC
7
AO
AGC Capacitor
OUT
8
DO
Receiver Output
2
NC
9
NC
10
NC
11
NC
12
NC
13
NC
14
DEC
15
AO
Demodulator Capacitor
AON
16
DI
AGC On Control
3
PDN
17
AI
Power Down Input
4
RFI
18
AI
Receiver Input
NC
19
VSS
20
G
Power Supply Ground
Notes:
1) Pin 5 between quartz crystal filter pins must be connected to VSS to eliminate package leadframe parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) pins are also
recommended to be connected to VSS to minimize noise coupling.
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is high impedance
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up (to AGC on) with current < 1
µA which is switched off at power down
4) PDN = VSS means receiver on; PDN = VDD means receiver off
NC 1
VDD 2
NC 3
QO 4
NC 5
QI 6
AGC 7
OUT 8
NC 9
NC 10
20 VSS
19 NC
18 RFI
17 PDN
16 AON
15 DEC
14 NC
13 NC
12 NC
11 NC
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com