Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1017 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS1017
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1017 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS1017 Datasheet HTML 1Page - Micro Analog systems MAS1017 Datasheet HTML 2Page - Micro Analog systems MAS1017 Datasheet HTML 3Page - Micro Analog systems MAS1017 Datasheet HTML 4Page - Micro Analog systems MAS1017 Datasheet HTML 5Page - Micro Analog systems MAS1017 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DA1017.002
29 May, 2002
2(6)
PAD LAYOUT
DIE size = 2.09 x 1.59 mm; PAD size = 100 x 100
µm
Substrate is connected to VDD. Please make sure that VDD is bonded first.
Note: Coordinates are calculated using VDD as a centre point.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
0
µm
0
µm
Demodulator Capacitor
DEC
244
µm
8
µm
AGC Capacitor
AGC
520
µm
8
µm
Power Up Input
PUP
759
µm
8
µm
1
DCF Signal Output
DCF
1075
µm
8
µm
2
Quarz Filter Input
QI
1038
µm
1625
µm
Quarz Filter Output
QO
760
µm
1625
µm
Power Down Input
PDN
483
µm
1625
µm
3
Receiver Input
RFI
243
µm
1625
µm
Power Supply Ground
VSS
-15
µm
1605
µm
Notes:
1) See power down control table below.
-
Internal pull-down resistor > 1 M
Ω to VSS
2) DCF = VSS when carrier amplitude at maximum; DCF = VDD when carrier amplitude is reduced (25%
modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is high impedance
3) See power down control logic table below.
- Internal pull-up resistor > 1M
Ω to VDD
PDN
PUP
Power Down
VSS
VSS
NO
VSS
VDD
NO
VDD
VSS
YES (In power down if both PDN and PUP are left unconnected)
VDD
VDD
NO
VDD DEC
QI
AGC
DCF
VSS RFI PDN QO
1588 µm
2094 µm
MAS1017
PUP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com