Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1017 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS1017
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1017 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS1017 Datasheet HTML 1Page - Micro Analog systems MAS1017 Datasheet HTML 2Page - Micro Analog systems MAS1017 Datasheet HTML 3Page - Micro Analog systems MAS1017 Datasheet HTML 4Page - Micro Analog systems MAS1017 Datasheet HTML 5Page - Micro Analog systems MAS1017 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DA1017.002
29 May, 2002
5(6)
SAMPLES IN SBDIL 20 PACKAGE
NC
1
VDD 2
NC
3
DEC 4
AGC 5
NC
6
PUP 7
DCF 8
NC
9
NC
10
20 VSS
19 NC
18 RFI
17 PDN
16 NC
15 QO
14 NC
13 QI
12 NC
11 NC
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
NC
1
VDD
2
P
Positive power supply
NC
3
DEC
4
AO
Demodulator capacitor
AGC
5
AO
AGC capacitor
NC
6
PUP
7
AI
Power up input
1
DCF
8
DO
Demodulator output
2
NC
9
NC
10
NC
11
NC
12
QI
13
AI
Quartz filter input
NC
14
3
QO
15
AO
Quartz filter output
NC
16
PDN
17
AI
Power down input
4
RFI
18
AI
Receiver input
NC
19
VSS
20
G
Power supply ground
Notes:
1) See power down control table on page 2.
-
Internal pull-down resistor > 1 M
Ω to VSS
2) DCF = VSS when carrier amplitude at maximum; DCF = VDD when carrier amplitude is reduced (25%
modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is high impedance
3) Pin 14 between quartz crystal filter pins must be connected to VSS to eliminate package leadframe parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) pins are also
recommended to be connected to VSS to minimize noise coupling.
4) See power down control logic table on page 2.
- Internal pull-up resistor > 1M
Ω to VDD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com