Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1017 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS1017
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1017 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS1017 Datasheet HTML 1Page - Micro Analog systems MAS1017 Datasheet HTML 2Page - Micro Analog systems MAS1017 Datasheet HTML 3Page - Micro Analog systems MAS1017 Datasheet HTML 4Page - Micro Analog systems MAS1017 Datasheet HTML 5Page - Micro Analog systems MAS1017 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DA1017.002
29 May, 2002
1(6)
MAS1017
AM Receiver IC
• High Sensitivity
• Very Low Power Consumption
• Wide Supply Voltage Range
• Power Down and Power Up Control
• High Selectivity by Crystal Filter
DESCRIPTION
The MAS1017 AM-Receiver chip is a highly
sensitive, simple to use AM receiver specially
intended to receive time signals in the frequency
range from 40 kHz to 100 kHz. There are only a few
external components needed. The circuit has a
preamplifier, wide range automatic gain control,
demodulator and output comparator built in. The
output signal can be processed directly with an
additional digital circuitry to extract the data from the
received signal.
FEATURES
APPLICATIONS
•
Highly Sensitive AM Receiver
•
Wide Supply Voltage Range
•
Very Low Power Consumption
•
Power Down and Power Up Control
•
Only a Few External Components Needed
•
Wide Frequency Range from 40 kHz to 100 kHz
•
High Selectivity by Quartz Crystal Filter
•
Time Signal Receiver for DCF77 (Germany)
BLOCK DIAGRAM
AGC Amplifier
Demodulator
&
Comparator
Power Supply/Biasing
RFI
DCF
PUP
QI
QO
PDN
VDD
VSS
AGC
DEC


Similar Part No. - MAS1017

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016B MAS-MAS1016B Datasheet
203Kb / 10P
AM Receiver IC
MAS1016BTB1 MAS-MAS1016BTB1 Datasheet
203Kb / 10P
AM Receiver IC
More results

Similar Description - MAS1017

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
AM Receiver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com