Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180A5 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6180A5
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180A5 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6180A5 Datasheet HTML 1Page - Micro Analog systems MAS6180A5 Datasheet HTML 2Page - Micro Analog systems MAS6180A5 Datasheet HTML 3Page - Micro Analog systems MAS6180A5 Datasheet HTML 4Page - Micro Analog systems MAS6180A5 Datasheet HTML 5Page - Micro Analog systems MAS6180A5 Datasheet HTML 6Page - Micro Analog systems MAS6180A5 Datasheet HTML 7Page - Micro Analog systems MAS6180A5 Datasheet HTML 8Page - Micro Analog systems MAS6180A5 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 (9)
DA6180.001
27 December, 2006
MAS6180 PAD LAYOUT
PDN
AON
RFIM
RFIP
DEC
VSS
AGC
QI
VDD
QOP
OUT
1070 µ
µ
µ
µ
m
QOM
MAS6180Ax,
x = 1, 2, 5
VSS pad
bonded
first!
DIE size = 1.07 mm x 1.37 mm; PAD size = 80 µm x 80 µm
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
152 µm
1137 µm
Positive Quartz Filter Output for Crystal
QOP
152 µm
1002 µm
Negative Quartz Filter Output for Crystal
QOM
152 µm
815 µm
1
Quartz Filter Input for Crystal and External
Compensation Capacitor
QI
152 µm
629 µm
AGC Capacitor
AGC
152 µm
443 µm
Receiver Output
OUT
152 µm
257 µm
2
Demodulator Capacitor
DEC
915 µm
265 µm
AGC On Control
AON
915 µm
451 µm
3
Power Down
PDN
915 µm
636 µm
4
Positive Receiver Input
RFIP
915 µm
824 µm
5
Negative Receiver Input
RFIM
915 µm
1010 µm
5
Power Supply Ground
VSS
915 µm
1158 µm
Notes:
1) External crystal compensation capacitor pin QOM is connected only in MAS6180A5 version. It is left
unconnected in MAS6180A1 and A2 versions which have internal compensation capacitor.
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced (modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1 µA which is switched off at power down
4) PDN = VSS means receiver on; PDN = VDD means receiver off
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
5) Receiver inputs RFIP and RFIM have both 600 kΩ biasing resistors towards VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com