Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180A5 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6180A5
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180A5 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6180A5 Datasheet HTML 1Page - Micro Analog systems MAS6180A5 Datasheet HTML 2Page - Micro Analog systems MAS6180A5 Datasheet HTML 3Page - Micro Analog systems MAS6180A5 Datasheet HTML 4Page - Micro Analog systems MAS6180A5 Datasheet HTML 5Page - Micro Analog systems MAS6180A5 Datasheet HTML 6Page - Micro Analog systems MAS6180A5 Datasheet HTML 7Page - Micro Analog systems MAS6180A5 Datasheet HTML 8Page - Micro Analog systems MAS6180A5 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 (9)
DA6180.001
27 December, 2006
TYPICAL APPLICATION (Continued)
Receiver
Output
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 3
Power Down /
Fast Startup
Control
Note 1
Note 4
Optional
Control
for AGC on/hold
Ferrite
Antenna
Antenna
Frequency
Selection
MAS6180A5
Note 5
AGC
DEC
+
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 2
OR
1.4 V
Note 2
VDD
VDD
VDD
VDD
GND
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIP
RFIM
VDD
VSS
PDN
AGC
DEC
OUT
QOP
QI
QOM
AON
VDD
VDD
Figure 3. Dual band application circuit of external compensation capacitance option version MAS6180A5. PMOS
switch transistor is used since RFIM input is biased close to VDD voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com