Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180A5 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6180A5
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180A5 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6180A5 Datasheet HTML 1Page - Micro Analog systems MAS6180A5 Datasheet HTML 2Page - Micro Analog systems MAS6180A5 Datasheet HTML 3Page - Micro Analog systems MAS6180A5 Datasheet HTML 4Page - Micro Analog systems MAS6180A5 Datasheet HTML 5Page - Micro Analog systems MAS6180A5 Datasheet HTML 6Page - Micro Analog systems MAS6180A5 Datasheet HTML 7Page - Micro Analog systems MAS6180A5 Datasheet HTML 8Page - Micro Analog systems MAS6180A5 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 (9)
DA6180.001
27 December, 2006
MAS6180
AM Receiver IC
•
Single Band Receiver IC
•
High Sensitivity
•
Very Low Power Consumption
•
Wide Supply Voltage Range
•
Power Down Control
•
Control for AGC On
•
High Selectivity by Crystal Filter
•
Fast Startup Feature
DESCRIPTION
The MAS6180 AM-Receiver chip is a highly sensitive,
simple to use AM receiver specially intended to receive
time signals in the frequency range from 40 kHz to 100
kHz. Only a few external components are required for
time signal receiver. The circuit has preamplifier, wide
range automatic gain control, demodulator and output
comparator built in. The output signal can be
processed directly by an additional digital circuitry to
extract the data from the received signal. The control
for AGC (automatic gain control) can be used to switch
AGC on or off if necessary.
MAS6180
has
options
for
compensating
shunt
capacitances
of
different
crystals
(See
ordering
information on page 9).
FEATURES
APPLICATIONS
•
Single Band Receiver IC
•
Highly Sensitive AM Receiver, 0.4 µVRMS typ.
•
Wide Supply Voltage Range from 1.1 V to 3.6 V
•
Very Low Power Consumption
•
Power Down Control
•
Fast Startup
•
Only a Few External Components Necessary
•
Control for AGC On
•
Wide Frequency Range from 40 kHz to 100 kHz
•
High Selectivity by Quartz Crystal Filter
•
Crystal Compensation Capacitance Options
•
Differential Input
•
Single Band Time Signal Receiver WWVB (USA),
JJY (Japan), DCF77 (Germany), MSF (UK), HGB
(Switzerland) and BPC (China)
BLOCK DIAGRAM
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIP
RFIM
VDD
VSS
PDN
AGC
DEC
OUT
QOP
QI
QOM
AON
VDD
VDD


Similar Part No. - MAS6180A5

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
307Kb / 13P
AM Receiver IC
MAS6180B1TC00 MAS-MAS6180B1TC00 Datasheet
307Kb / 13P
AM Receiver IC
MAS6180B1UC06 MAS-MAS6180B1UC06 Datasheet
307Kb / 13P
AM Receiver IC
MAS6180B5TC00 MAS-MAS6180B5TC00 Datasheet
307Kb / 13P
AM Receiver IC
More results

Similar Description - MAS6180A5

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com