Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST75185
Description  Multiple RS-232 drivers and receivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST75185_06 Datasheet HTML 3Page - STMicroelectronics ST75185_06 Datasheet HTML 4Page - STMicroelectronics ST75185_06 Datasheet HTML 5Page - STMicroelectronics ST75185_06 Datasheet HTML 6Page - STMicroelectronics ST75185_06 Datasheet HTML 7Page - STMicroelectronics ST75185_06 Datasheet HTML 8Page - STMicroelectronics ST75185_06 Datasheet HTML 9Page - STMicroelectronics ST75185_06 Datasheet HTML 10Page - STMicroelectronics ST75185_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ST75185
Electrical characteristics
7/21
Note:
All typical values are at TA = 25°C, VCC = 5V, VDD = 9V and VSS=-9V
Table 8.
Receiver electrical characteristics over operating conditions
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VT+
Positive Going Threshold Voltage
(See
Figure 9)2.2
2.4
V
VT-
Negative Going Threshold Voltage
TA = 25 °C (See Figure 9)
0.75
0.97
V
Vhys
Input Hysteresis (VT+ - VT-)
0.5
V
VOH
High Level Output Voltage
IOH = -0.5mA
VIH = 0.75 V
2.6
4
5
V
Inputs Open
2.6
VOL
Low Level Output Voltage
VI = 3 V
IOL = 10 mA
0.2
0.45
V
IIH
High Level Input Current
VI = 25 V (See Figure 9)3.6
8.3
mA
VI = 3 V
(See
Figure 9)0.43
IIL
Low Level Input Current
VI = -25 V (See Figure 9)
-3.6
-8.3
mA
VI = -3 V (See Figure 9)-0.43
IOS
Short-Circuit Output Current
VI = 0 V
VO = 0 V
(See
Figure 7)
-3.4
-12
mA
Table 9.
Receiver switching characteristics
(VDD = 12V, VSS = -12V, VCC = 5V TA = 25°C)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
Propagation Delay Time Low to
High Level Output
RL = 5 KΩ
CL = 50 pF
(See
Figure 9)
400
1000
ns
tPHL
Propagation Delay Time High to
Low Level Output
RL = 5 KΩ
CL = 50 pF
(See
Figure 9)
70
150
ns
tTLH
Transition Time Low to High Level
Output
RL = 5 KΩ
CL = 50 pF
(See
Figure 9)
200
525
ns
tTHL
Transition Time High to Low Level
Output
RL = 5 KΩ
CL = 50 pF
(See
Figure 9)
20
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com