Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST75185
Description  Multiple RS-232 drivers and receivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185 Datasheet(HTML) 1 Page - STMicroelectronics

  ST75185_06 Datasheet HTML 1Page - STMicroelectronics ST75185_06 Datasheet HTML 2Page - STMicroelectronics ST75185_06 Datasheet HTML 3Page - STMicroelectronics ST75185_06 Datasheet HTML 4Page - STMicroelectronics ST75185_06 Datasheet HTML 5Page - STMicroelectronics ST75185_06 Datasheet HTML 6Page - STMicroelectronics ST75185_06 Datasheet HTML 7Page - STMicroelectronics ST75185_06 Datasheet HTML 8Page - STMicroelectronics ST75185_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
June 2006
Rev 16
1/21
21
ST75185
Multiple RS-232 drivers and receivers
General features
■ Meets and exceeds the requirements of
EIA/TIA-232-E and ITUV.28 standard
■ Single chip with easy interface between UART
and serial port connector of IBM PC/ATTM and
compatibles
■ Designed to support data rates up to 120kbps
■ Pinout compatible with ST75C185
Description
The ST75185 contains three drivers and five
receivers. The pinout matches the DB9S
connector design in order to decrease the part
count, reduce the board space required and allow
easy interconnection of the UART and serial port
connector of IBM PC/ATTM and compatibles. The
bipolar circuits and processing of the ST75185
provides a rugged low-cost solution for this
function at the expense of quiescent power and
external passive components relative to the
ST75C185.
The ST75185 complies with the requirements of
the EIA/TIA 232-E and ITU (formally CCITT) v.28
standards. These standards are for data
interchange between a host computer and
peripheral at signalling rates up to 20k-bits/s. The
switching speeds of the ST75185 are fast enough
to support rates up to 120K-bits/s with lower
capacitive loads (shorter cables). Interoperability
at the higher signalling rates cannot be assured
unless the designer has design control of the
cable and the interface circuits at the both ends.
For interoperability at signalling rates to 120 K-
bits/s, use of EIA/ITA-423-B (ITU v.10) and
EIA/ITA-422-B (ITU v.11) standards are
recommended.
The ST75185 is characterized for operation over
the range of 0°C to 70°C.
SO-20
TSSOP20
www.st.com
Order code
Part number
Temperature range
Package
Packaging
ST75185CTR
0 to 70 °C
TSSOP20 (Tape & Reel)
2500 parts per reel
ST75185CDR
0 to 70 °C
SO-20 (Tape & Reel)
1000 parts per reel


Similar Part No. - ST75185_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
ST75185CD STMICROELECTRONICS-ST75185CD Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
ST75185CDR STMICROELECTRONICS-ST75185CDR Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
ST75185CDR STMICROELECTRONICS-ST75185CDR Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
ST75185CPR STMICROELECTRONICS-ST75185CPR Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
More results

Similar Description - ST75185_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
Multiple RS-232 Drivers and Receivers
August 20, 2002
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com