Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST75185
Description  Multiple RS-232 drivers and receivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185 Datasheet(HTML) 3 Page - STMicroelectronics

  ST75185_06 Datasheet HTML 1Page - STMicroelectronics ST75185_06 Datasheet HTML 2Page - STMicroelectronics ST75185_06 Datasheet HTML 3Page - STMicroelectronics ST75185_06 Datasheet HTML 4Page - STMicroelectronics ST75185_06 Datasheet HTML 5Page - STMicroelectronics ST75185_06 Datasheet HTML 6Page - STMicroelectronics ST75185_06 Datasheet HTML 7Page - STMicroelectronics ST75185_06 Datasheet HTML 8Page - STMicroelectronics ST75185_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ST75185
Pin configuration
3/21
1
Pin configuration
Figure 1.
Pin connection IEC logic symbol and logic diagram
Table 1.
Pin description
Pin N°
Symbol
Name and function
1VDD
Supply voltage (+12V)
2
RA1
First receiver input
3
RA2
Second receiver input
4
RA3
Third Receiver Input
5
DY1
First driver output
6
DY2
Second driver output
7
RA4
Fourth receiver input
8
DY3
Third driver output
9
RA5
Fifth receiver input
10
VSS
Supply voltage (-12V)
11
GND
Ground
12
RY5
Fifth receiver output
13
DA3
Third driver input
14
RY4
Fourth receiver output
15
DA2
Second driver input
16
DA1
First driver input
17
RY3
Third receiver output
18
RY2
Second receiver output
19
RY1
First Receiver Output
20
VCC
Supply Voltage (+5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com