Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6240
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6240 Datasheet HTML 1Page - Micro Analog systems MAS6240 Datasheet HTML 2Page - Micro Analog systems MAS6240 Datasheet HTML 3Page - Micro Analog systems MAS6240 Datasheet HTML 4Page - Micro Analog systems MAS6240 Datasheet HTML 5Page - Micro Analog systems MAS6240 Datasheet HTML 6Page - Micro Analog systems MAS6240 Datasheet HTML 7Page - Micro Analog systems MAS6240 Datasheet HTML 8Page - Micro Analog systems MAS6240 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DA6240.001
20 November 2006
4 (10)
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 3.0 V, C1 = 100 nF, C2 = 100 nF, COUT = 100 nF, CIN = 100 nF, Cpiezo = 15 nF, digital
input DIN=4kHz; unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VOUT pin voltage towards ground
at VDD = 3 V
1x Mode (no load)
2x Mode (no load)
3x Mode (no load)
3
6
9
V
Charge Pump (no load):
1x Mode
2x Mode
3x Mode
50
490
820
µA
Single ended application
(Cpiezo = 15nF; f=4kHz):
1x Mode
2x Mode
3x Mode
0.27
1.3
2.7
mA
Current Consumption
ICC
Differential application
(Cpiezo = 15 nF; f=4kHz):
1x Mode
2x Mode
3x Mode
0.88
3.5
7.6
mA
Signal Frequency
FAUDIO
0.2
4
8
kHz
Shutdown Current
ISD
DIN = 0V,
1
µA
Internal Switching
Frequency (Charge Pump)
FOSC
0.6
1
1.8
MHz
VOUT Turn-ON Time
(From DIN signal HIGH to
90% VOUT steady state)
tON
1x Mode
2x Mode
3x Mode
10
60
120
µs
Shut Down delay
tOFF
Time before device shutdown after
DIN signal goes to LOW
10
20
ms
Short Circuit Current Limit
ISC
From VIN pin
10
30
mA
Control Input Threshold
VIH
VIL
EN1, EN2, DIN pins
1.6
0.55
V
V
IIH
IIL
VDIN = 3V, (900kΩ pull down)
VDIN = 0V
3.4
0
7
1
µA
µA
IIH
IIL
VDIN = 3V
VEN1,EN2 = 3V, (900kΩ pull down)
VEN1,EN2 = 0V
3.4
0
7
1
µA
µA
Control Input Current
IIH
IIL
VDIN = 0V
VEN1,EN2 = 3V
VEN1,EN2 = 0V
0
0
1
1
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com