Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6240
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6240 Datasheet HTML 1Page - Micro Analog systems MAS6240 Datasheet HTML 2Page - Micro Analog systems MAS6240 Datasheet HTML 3Page - Micro Analog systems MAS6240 Datasheet HTML 4Page - Micro Analog systems MAS6240 Datasheet HTML 5Page - Micro Analog systems MAS6240 Datasheet HTML 6Page - Micro Analog systems MAS6240 Datasheet HTML 7Page - Micro Analog systems MAS6240 Datasheet HTML 8Page - Micro Analog systems MAS6240 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DA6240.001
20 November 2006
1 (10)
MAS6240
Piezo Driver with Multi-Mode Charge Pump
• Both Single Ended and
Differential Output
• Three-Step Volume Adjusting
• Up to 18Vpp Output from 3V
Supply
• One Wire Audio & Shutdown
Control
• High Efficiency
• Solution without Inductors
• Low External Part Count
DESCRIPTION
MAS6240 is a piezo driver device that can drive
outputs up to 18Vpp from 3V supply. An internal
three-mode charge pump generates boosted supply
voltage for piezo driver. For adjusting the piezo
element sound volume, the charge pump can
operate in either of a 1x, 2x or 3x mode. In 1x mode
the input voltage is bypassed to the output, in 2x or
3x mode the input voltage is boosted up accordingly
2 or 3 times. Charge pump mode is selected by
control pins EN1 and EN2 (see Table1 at page 2).
MAS6240 is an easy and low-cost solution for piezo
driver, since only 4 small value capacitors are
needed in addition to sound element - the use of
inductors can be avoided. The inductorless design
also causes significantly less disturbance to the
surrounding circuits making it an ideal choice for
sensitive designs. Its charge pump switches at
1MHz, allowing to use as small as 100nF external
capacitors.
Control logic is switching the charge pump on at
first rising signal of digital input (DIN) pin. The
switch-off signal will be generated while the signal at
DIN has been low at least for 10ms. The piezo
driver is enabled at a second rising edge of a pulse
at DIN and the signal is transferred to piezo output
VO1. The same signal is inverted into output VO2
for using differential output.
Continuous logic high level at DIN input causes the
charge pump to be turned ON but leaves the audio
amplifier disabled. In that state the charge pump
output can be used to power the external LEDs or
any other external circuit. The output voltage is still
selectable at three steps.
In "disabled" mode (DIN has been low for 10ms) all
functional blocks are switched off to achieve the
quiescent current less than 1µA.
See more information in the chapter Detailed
Description.
FEATURES
APPLICATIONS
Thin 0.75 mm QFN 12 package
Piezo Driver
•
Three-Step Volume Adjusting
•
Both Single Ended and Differential Output
•
Up to 18Vpp Output from 3V Supply
•
One Wire Audio & Shutdown Control
Charge Pump
•
Wrist Watches
•
Alarm Clocks
•
Handheld GPS devices
•
PDAs
•
Portable Device with Sound Feature
•
Low External Part Count
•
Solution without Inductors
•
1 MHz Switching Frequency
•
Multi-Mode Charge Pump (1x/2x/3x)
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS6240

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6240C MAS-MAS6240C Datasheet
221Kb / 11P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C MAS-MAS6240C Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C1HP06 MAS-MAS6240C1HP06 Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C1HP09 MAS-MAS6240C1HP09 Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C2HP06 MAS-MAS6240C2HP06 Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
More results

Similar Description - MAS6240

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1461 SEMTECH-SC1461 Datasheet
150Kb / 8P
Multi Mode Capless Charge Pump
logo
Micro Analog systems
MAS6240C MAS-MAS6240C Datasheet
221Kb / 11P
Piezo Driver with Multi-Mode Charge Pump
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
Charge Pump LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
logo
Micro Analog systems
MAS6241 MAS-MAS6241 Datasheet
431Kb / 9P
Piezo Driver with 3x Charge Pump
MAS6240C MAS-MAS6240C_16 Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com