Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6240 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6240
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6240 Datasheet HTML 1Page - Micro Analog systems MAS6240 Datasheet HTML 2Page - Micro Analog systems MAS6240 Datasheet HTML 3Page - Micro Analog systems MAS6240 Datasheet HTML 4Page - Micro Analog systems MAS6240 Datasheet HTML 5Page - Micro Analog systems MAS6240 Datasheet HTML 6Page - Micro Analog systems MAS6240 Datasheet HTML 7Page - Micro Analog systems MAS6240 Datasheet HTML 8Page - Micro Analog systems MAS6240 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DA6240.001
20 November 2006
5 (10)
DETAILED DESCRIPTION
MAS6240 first pulse skipping
-1
0
1
2
3
4
5
6
7
8
9
10
-20
-10
0
10
20
30
40
50
60
70
time [ms]
VO1
DIN
Figure 3: Enabling output VO1
The piezo driver is enabled at the second rising edge of the pulse at DIN, thus the signal is transferred to the
piezo output VO1. An output VO2 is enabled at the same time, but it is optional to take it in use. Control logic is
switching the charge pump on at first rising signal of digital input DIN pin. If only one continous pulse is fed to the
input DIN, the output VO1 is not enabled. This make it possible to control e.g. a white LED or other device
through pin VOUT while charge pump is enabled, without enabling the piezo output VO1.
MAS6240 first pulse skipping & power down delay
-2
0
2
4
6
8
10
-20
-10
0
10
20
30
40
50
60
70
time [sec]
DIN
VO2
Figure 4: Disabling VO2
Figure 4 is drawn in the case of VO2. The switch-off signal will be generated after the signal at DIN has been low
at least for 10 ms. In the figure 4 the switch-off delay is about 25 ms. Again when new pulses are fed into DIN,
the charge pump and piezo driver will be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com