Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6720 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6720
Description  IC FOR 32.768 kHz XO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6720 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6720 Datasheet HTML 1Page - Micro Analog systems MAS6720 Datasheet HTML 2Page - Micro Analog systems MAS6720 Datasheet HTML 3Page - Micro Analog systems MAS6720 Datasheet HTML 4Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 (4)
DA6720.000
2 January 2007
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
Power Dissipation
PMAX
120
mW
Operating Temperature
TOP
-40
85
oC
Storage Temperature
TST
-55
150
oC
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not
operate under these conditions, but it will not be destroyed
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
1.2
1.5
3.6
V
1)
Current Consumption
IDD
1.6
8.0
µ
A
Crystal Load Capacitance
CL
12.5
pF
2)
Note 1: If VDD = 3.6V, it is recommended to connect 1nF capacitor to VDD pin.
Note 2: For other load capacitance options contact to Micro Analog Systems Oy.
ELECTRICAL CHARACTERISTICS FOR 1.5V SUPPLY VOLTAGE
TA = -40°C to +85°C, typical values at TA = +27°C, VDD = 1.5V, fO = 32.768 kHz, Output Load = 15 pF, unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Output Load
15
35
pF
Crystal Frequency Range
when Output Load is Maximum 35pF
fo
30.00
32.768
100.00
kHz
Output Voltage Range
0
VD,BUFF
VDD
V
1)
Rise and Fall Time
3
4
ns
Start-up Time
TSTART
0.5
s
Duty Cycle
40
48-52
60
%
Note 1: The output voltage is controlled with VD,BUFF. Basically VOUT = VD,BUFF and VD,BUFF can be varied between
0 ≤ VD,BUFF ≤ VDD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com