Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6720 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6720
Description  IC FOR 32.768 kHz XO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6720 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6720 Datasheet HTML 1Page - Micro Analog systems MAS6720 Datasheet HTML 2Page - Micro Analog systems MAS6720 Datasheet HTML 3Page - Micro Analog systems MAS6720 Datasheet HTML 4Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 (4)
DA6720.000
2 January 2007
MAS6720
IC FOR 32.768 kHz XO
Low Cost
Low Supply Voltage
Low Current Consumption
CMOS Output
Very High Level of Integration
DESCRIPTION
MAS6720 is an integrated circuit well suited to
make a fundamental crystal oscillator (XO): only
one additional component, a crystal, is needed.
MAS6720 includes an oscillator and an output
buffer circuits.
FEATURES
APPLICATIONS
Very small size
Minimum current draw
Wide operating temperature range
CMOS output
XO for wrist watches
XO for clocks
XO for battery operated systems
BLOCK DIAGRAM
MAS6720
XIN
XOUT
OUT
VDBUFF
VDD
VSS
Figure 1. Block diagram of MAS6720.
This is advance information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS6720

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
MAS60-1000-B1 CUI-MAS60-1000-B1 Datasheet
334Kb / 3P
absolute encoder
MAS60-1000-B2 CUI-MAS60-1000-B2 Datasheet
334Kb / 3P
absolute encoder
MAS60-1000-G1 CUI-MAS60-1000-G1 Datasheet
334Kb / 3P
absolute encoder
MAS60-1000-G2 CUI-MAS60-1000-G2 Datasheet
334Kb / 3P
absolute encoder
More results

Similar Description - MAS6720

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
IC for XO Monolithic IC
logo
ECS, Inc.
ECS-3X8X ECS-ECS-3X8X Datasheet
164Kb / 1P
32.768 KHz TUNING FORK
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
32.768 KHz Crystal
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Oscilent Corporation
QC-111 OSCILENT-QC-111 Datasheet
140Kb / 3P
32.768 KHz Tuning Fork
logo
ECS, Inc.
ECS-3X8X ECS-ECS-3X8X_14 Datasheet
167Kb / 2P
32.768 KHz TUNING FORK
logo
MICORO CRYSTAL SWITZERL...
DS-SERIES MICROCRYSTAL-DS-SERIES Datasheet
243Kb / 2P
Watch Crystal 32.768 kHz
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
low consumption 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
32.768 KHZ CLOCK OSCILLATOR
073012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com