Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6720 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6720
Description  IC FOR 32.768 kHz XO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6720 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6720 Datasheet HTML 1Page - Micro Analog systems MAS6720 Datasheet HTML 2Page - Micro Analog systems MAS6720 Datasheet HTML 3Page - Micro Analog systems MAS6720 Datasheet HTML 4Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 (4)
DA6720.000
2 January 2007
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Power Supply Voltage
VDD
141
569
Power Supply for Output Buffer
VDBUFF
141
376
Crystal Oscillator Input
XIN
450
141
Crystal Oscillator Output
XOUT
303
141
Power Supply Ground
VSS
588
379
Buffer Output
OUT
588
594
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
IC OUTLINES
VD
BUFF
VDD
VSS
XIN
XOUT
OUT
Die Map Reference
730 um
720 um
MAS6720
Figure 2. IC outlines.
Note1: Die map reference is the actual left bottom corner of the sawn chip.
Note2: See coordinates in pin description.
Note3: Die dimensions include 80 µm scribes for both sides.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com