Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161401W/P Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD161401W/P
Description  MOS INTEGRATED CIRCUIT
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161401W/P Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD161401W/P Datasheet HTML 36Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 37Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 38Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 39Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 40Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 41Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 42Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 43Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
Data Sheet S15726EJ2V0DS
38
µµµµPD161401
Figure 5
−−−−15. Number of Boosting Steps and Capacitor Connection
x7
x2
x2
x2
x2
Open
x6
x2
x2
x2
Open
x5
x2
x2
x2
Open
x4
x2
x2
Open
x3
x2
x2
Open
x2
x2
To boost LCD drive voltage seven-fold
To boost LCD drive voltage six-fold
To boost LCD drive voltage five-fold
To boost LCD drive voltage four-fold
To boost LCD drive voltage three-fold
To boost LCD drive voltage two-fold
Remark “xN” (N = 2 to 7) of the capacitors in the above figure indicates the maximum voltage applied to the
capacitors.
xN : VDD2 x N (V)
Table 5
−−−−14. Number of Boosting Steps of Main Duty/Sub-duty Display Booster Circuit (during Normal Display)
MBT2
MBT1
MBT0
SBT2
SBT1
SBT0
Number of Boosting steps (unit: fold)
00
0
Two
0
0
1
Three
0
1
0
Four
01
1
Five
10
0
Six
1
0
1
Seven
1
1
0
Prohibited
1
1
1
Prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com